PART |
Description |
Maker |
EVL6566B-40WSTB |
40 W wide input range flyback converter using L6566BH Multimode controller for SMPS
|
ST Microelectronics
|
LTC1871-1 LTC1871EMS-1 LTC1871EMS-1-PBF LTC1871EMS |
Wide Input Range, No RSENSE⑩ Current Mode Boost, Flyback and SEPIC Controller
|
Linear Technology
|
LTC1871IMS-7PBF |
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C
|
LINEAR TECHNOLOGY CORP
|
PE2235-30 |
HIGH POWE R DIRECTIONAL COUPLER FREQUENCY RANGE: 4-12 GHz
|
Pasternack Enterprises, Inc.
|
ASM5CVF857 ASM5CVF857-40QR ASM5CVF857-28TR ASM5CVF |
60 MHz to 200 MHz, 2.5 V wide-range frequency clock driver 2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz)
|
Alliance Semiconductor Corporation
|
MIW3047 MIW3000 MIW3011 MIW3012 MIW3013 MIW3014 MI |
5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters From old datasheet system RESISTOR 4.3 OHM .5W CARB COMP 5 - 6W,宽输入范围下滑,单 5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters 5 - 6W,宽输入范围下滑,单
|
etc MINMAX[Minmax Technology Co., Ltd.] TOTAL-POWER[Total Power International] Electronic Theatre Controls, Inc.
|
GM194 |
N P N S I L I CO N P L A N A R M E D I UM POWE R T R A N S I S T O R
|
E-Tech Electronics LTD
|
LT3757EMSETRPBF LT3757IMSEPBF |
LT3757 - Boost, Flyback, SEPIC and Inverting Controller; Package: MSOP; Number of Pins: 10; Temperature Range: –40°C to 125°C SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PDSO10 LT3757 - Boost, Flyback, SEPIC and Inverting Controller; Package: MSOP; Number of Pins: 10; Temperature Range: –40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
PG-101 PG-104 PG-2BC |
3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C
|
Samsung Semiconductor Co., Ltd.
|
LTC1778 LTC1778-1 |
Wide Operating Range, No RSENSE Step-Down Controller Wide Operating Range, No Rsense Step-Down Controller Wide Operating Range, No RSENSE Step-Down Controller
|
LINER[Linear Technology]
|
AD8426ACPZ-R7 AD8426ACPZ-WP AD8224 AD8236 AD627 AD |
Wide Supply Range, Rail-to-Rail Wide Supply Range, Micropower, Wide Supply Range, Rail-to-Rail
|
Analog Devices
|
EDD10321BBH-5BTS-F EDD10321BBH-6ETS-F EDD10321BBH- |
1G bits DDR Mobile RAM WTR (Wide Temperature Range) 1G bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range)
|
Elpida Memory
|